Part Number Hot Search : 
2SB1292 2SB1292 AP9918GJ 40008 MCP1630 BZX85C12 1N6006 A7912
Product Description
Full Text Search
 

To Download ASI10684 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULBM35
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ULBM35 is Designed for
PACKAGE STYLE .500 6L FLG
C A 2x ON
FEATURES:
* * * OmnigoldTM Metalization System
FULL R D
B G .725/18,42 F
E
K
M L
MAXIMUM RATINGS
DIM
H MINIMUM
inches / mm
J
I
MAXIMUM
inches / mm
IC VCBO VCEO VEBO PDISS TJ TSTG JC
O
8.0 A 36 V 16 V 4.0 V 117 W @ TC = 25 OC -65 C to +200 C -65 C to +150 C 1.5 OC/W
O O O
A B C D E F G H I J K L M N
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81
.160 / 4.06
.220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24
.120 / 3.05
.135 / 3.43
ORDER CODE: ASI10684
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICES hFE Cob PG C IC = 50 mA IC = 15 mA
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
16 36 4.0 5
UNITS
V V V mA --pF dB
IE = 5.0 mA VCE = 12.5 V VCE = 5.0 V VCB = 12.5 V VCC = 12.5 V POUT = 35 W IC = 1.0 A f = 1.0 MHz f = 470 MHz
20
--110
6.0 60
%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10684

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X